Part Number Hot Search : 
M74HC3 2010D 5KP90A A1512 TFS140X LTC6257 1N3909 TIP120
Product Description
Full Text Search
 

To Download SD-501331-002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5013311407 Active
picoclasp 1.00mm (.039") Pitch Pico-ClaspTM Wire-to-Board Header, Surface Mount, Single Row, Vertical, with Positive Lock, 14 Circuits, with Cover Tape, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-501331-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 501331 Wire-to-Board picoclasp Pico-ClaspTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Robotic Placement Stackable Temperature Range - Operating Termination Interface: Style No 14 Natural 30 No Yes Phosphor Bronze Tin Tin Nylon 1 Vertical No Yes Embossed Tape on Reel 0.039 In 1.00 mm Yes No Vacuum Pick-Up Tape No -40C to +85C Surface Mount
Search Parts in this Series 501331Series Mates With 501330 Pico-ClaspTM Wire-to-Board Female Housing
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-501331-001 PS-501331-001, RPS-501331-001, RPS-501331-002, RPS-501331-003, RPS-501331-005, RPS-501331-006, RPS-501331-007, RPS-501940-001, RPS-501940-002 SD-501331-002, SD-501331-004
Sales Drawing
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-501331-002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X